Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA16888 Datasheet (PDF) - Siemens Semiconductor Group

TDA16888 Datasheet PDF - Siemens Semiconductor Group
Part # TDA16888
Download  TDA16888 Download

File Size   472.35 Kbytes
Page   39 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description High Performance Power Combi Controller

TDA16888 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA16888 Datasheet PDF - Siemens Semiconductor Group

Part # TDA16888
Download  TDA16888 Click to download

File Size   472.35 Kbytes
Page   39 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description High Performance Power Combi Controller

TDA16888 Datasheet (HTML) - Siemens Semiconductor Group

Back Button TDA16888 Datasheet HTML 1Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 2Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 3Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 4Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 5Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 6Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 7Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 8Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 9Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

TDA16888 Product details

Features

PFC Section

– IEC 1000-3 compliant

– Additional operation mode as auxiliary power supply

– Fast, soft switching totem pole gate drive (1 A)

– Dual loop control (average current and voltage sensing)

– Leading edge triggered pulse width modulation

– Peak current limitation

– Topologies of PFC preconverter are boost or flyback

– Continuous/discontinuous mode possible

– 94% maximum duty cycle



PWM Section

– Improved current mode control

– Fast, soft switching totem pole gate drive (1 A)

– Soft-start management

– Trailing edge triggered pulse width modulation

– Topologies of PWM converter are feed forward or flyback

– 50% maximum duty cycle to prevent transformer saturation

– fPWM = fPFC




Similar Part No. - TDA16888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
TDA16888G INFINEON-TDA16888G Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
More results


Similar Description - TDA16888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com