Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67M518 Datasheet (PDF) - Motorola, Inc

MCM67M518 Datasheet PDF - Motorola, Inc
Part # MCM67M518
Download  MCM67M518 Download

File Size   205.53 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67M518 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM67M518 Datasheet PDF - Motorola, Inc

Part # MCM67M518
Download  MCM67M518 Click to download

File Size   205.53 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67M518 Datasheet (HTML) - Motorola, Inc

Back Button MCM67M518 Datasheet HTML 1Page - Motorola, Inc MCM67M518 Datasheet HTML 2Page - Motorola, Inc MCM67M518 Datasheet HTML 3Page - Motorola, Inc MCM67M518 Datasheet HTML 4Page - Motorola, Inc MCM67M518 Datasheet HTML 5Page - Motorola, Inc MCM67M518 Datasheet HTML 6Page - Motorola, Inc MCM67M518 Datasheet HTML 7Page - Motorola, Inc MCM67M518 Datasheet HTML 8Page - Motorola, Inc MCM67M518 Datasheet HTML 9Page - Motorola, Inc MCM67M518 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM67M518 Product details

32K x 18 Bit BurstRAM Synchronous Fast Static RAM
With Burst Counter and Self–Timed Write

The MCM67M518 is a 589,824 bit synchronous static random access memory designed to provide a burstable, high–performance, secondary cache for the MC68040 and PowerPC™ microprocessors. It is organized as 32,768 words of 18 bits, fabricated using Motorola’s high–performance silicon–gate BiCMOS technology. The device integrates input registers, a 2–bit counter, high speed SRAM, and high drive capability outputs onto a single monolithic circuit for reduced parts count implementation of cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.

This device is ideally suited for systems that require wide data bus widths and cache memory.

• Single 5 V ± 5% Power Supply
• Fast Access Times: 9/11/14 ns Max and Cycle Times: 12.5/15/20 ns Min
• Byte Writeable via Dual Write Strobes
• Internal Input Registers (Address, Data, Control)
• Internally Self–Timed Write Cycle
• TSP, TSC, and BAA Burst Control Pins
• Asynchronous Output Enable Controlled Three–State Outputs
• Common Data Inputs and Data Outputs
• High Board Density 52–PLCC Package
• 3.3 V I/O Compatible




Similar Part No. - MCM67M518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618AFN10 MOTOROLA-MCM67M618AFN10 Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618AFN12 MOTOROLA-MCM67M618AFN12 Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618AFN9 MOTOROLA-MCM67M618AFN9 Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM67M518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com