Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28070A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UCC28070A Datasheet PDF - Texas Instruments
Part # UCC28070A
Download  UCC28070A Download
File Size   1062.09 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Extended Frequency Range (10 kHz to 300 kHz)

UCC28070A Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28070A Datasheet PDF - Texas Instruments

Part # UCC28070A
Download  UCC28070A Click to download

File Size   1062.09 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Extended Frequency Range (10 kHz to 300 kHz)

UCC28070A Datasheet (HTML) - Texas Instruments




Similar Part No. - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070APWR TI1-UCC28070APWR Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
More results


Similar Description - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 300 MHz
NMA2108-A1E MICRONETICS-NMA2108-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 300 MHz
logo
Texas Instruments
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Skyworks Solutions Inc.
SKY13374-397LF SKYWORKS-SKY13374-397LF Datasheet
648Kb / 9P
300 kHz to 6.0 GHz SPDT Switch
logo
ATMEL Corporation
U227B ATMEL-U227B Datasheet
324Kb / 18P
Carrier Frequency fosc 100 kHz to 150 kHz
logo
PUI audio inc.
AS03608AS-R PUIAUDIO-AS03608AS-R Datasheet
935Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
AS05308AS-R PUIAUDIO-AS05308AS-R Datasheet
757Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
AS07808AS-R PUIAUDIO-AS07808AS-R Datasheet
778Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
logo
Bel Fuse Inc.
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
Fixed Frequency (300 KHz)
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com