Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08-50-0187 Datasheet (PDF) - Molex Electronics Ltd.

08-50-0187 Datasheet PDF - Molex Electronics Ltd.
Part # 08-50-0187
Download  08-50-0187 Download
File Size   283.22 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE

08-50-0187 Datasheet (PDF)

Go To PDF Page Download Datasheet
08-50-0187 Datasheet PDF - Molex Electronics Ltd.

Part # 08-50-0187
Download  08-50-0187 Click to download

File Size   283.22 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE

08-50-0187 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 08-50-0187

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0187 MOLEX1-08-50-0187 Datasheet
161Kb / 3P
Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
More results


Similar Description - 08-50-0187

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008580187 MOLEX1-0008580187 Datasheet
258Kb / 4P
Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0008500189 MOLEX1-0008500189 Datasheet
161Kb / 3P
Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
Crimp Terminal 35747, 1818, 2020 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
Crimp Terminal 35748, 1818, 2020 AWG
0357460310 MOLEX5-0357460310 Datasheet
94Kb / 2P
Crimp Terminal 35746, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
Crimp Terminal 35745, 1818, 2020 AWG
008-56-0113 MOLEX11-008-56-0113 Datasheet
71Kb / 1P
CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
08-50-0105 MOLEX11-08-50-0105 Datasheet
225Kb / 2P
CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com