Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE800G Datasheet (PDF) - Siemens Semiconductor Group

SAE800G Datasheet PDF - Siemens Semiconductor Group
Part # SAE800G
Download  SAE800G Download
File Size   981.04 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Programmable Single-/Dual-/Triple- Tone Gong

SAE800G Datasheet (PDF)

Go To PDF Page Download Datasheet
SAE800G Datasheet PDF - Siemens Semiconductor Group

Part # SAE800G
Download  SAE800G Click to download

File Size   981.04 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Programmable Single-/Dual-/Triple- Tone Gong

SAE800G Datasheet (HTML) - Siemens Semiconductor Group


SAE800G Product details

Functional Description

The SAE 800 is a single-tone, dual-tone or triple-tone gong IC designed for a very wide supply

voltage range.



Features

●Supply voltage range 2.8 V to 18 V

●Few external components (no electrolytic capacitor)

●1 tone, 2 tones, 3 tones programmable

●Loudness control

●Typical standby current 1µA

●Constant current output stage (no oscillation)

●High-efficiency power stage

●Short-circuit protection

●Thermal shutdown




Similar Part No. - SAE800G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAE800G INFINEON-SAE800G Datasheet
980Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
09.94
logo
Siemens Semiconductor G...
SAE800G SIEMENS-SAE800G Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
More results


Similar Description - SAE800G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
logo
Infineon Technologies A...
SAE800 INFINEON-SAE800 Datasheet
980Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
09.94
logo
Siemens Semiconductor G...
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
logo
NXP Semiconductors
PCD3360 PHILIPS-PCD3360 Datasheet
117Kb / 20P
Programmable multi-tone telephone ringer
1997 Jan 15
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
Single, Dual, and Triple Outputs
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com