| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX11102
|
2Mb / 25P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10 |
|
MAX11661
|
1Mb / 28P |
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11 |
|
MAX11661
|
2Mb / 28P |
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11 |
|
MAX11661_1111
|
2Mb / 28P |
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11 |
|
MAX11661
|
2Mb / 28P |
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12 |
|
MAX11135
|
3Mb / 40P |
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12 |
|
MAX11135_V1
|
3Mb / 40P |
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12 |
|
MAX11102
|
2Mb / 30P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12 |
|
MAX11335
|
3Mb / 37P |
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12 |
|
MAX11102
|
2Mb / 30P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013 |