Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL216A Datasheet (PDF) - Siemens Semiconductor Group

IL216A Datasheet PDF - Siemens Semiconductor Group
Part # IL216A
Download  IL216A Download

File Size   70.88 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL216A Datasheet (PDF)

Go To PDF Page Download Datasheet
IL216A Datasheet PDF - Siemens Semiconductor Group

Part # IL216A
Download  IL216A Click to download

File Size   70.88 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL216A Datasheet (HTML) - Siemens Semiconductor Group

IL216A Datasheet HTML 1Page - Siemens Semiconductor Group IL216A Datasheet HTML 2Page - Siemens Semiconductor Group IL216A Datasheet HTML 3Page - Siemens Semiconductor Group

IL216A Product details

DESCRIPTION
The IL215A/216A/217A are optically coupled pairs with a Gallium Arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL215A//216A/217A comes in a standard SOIC-8 small outline package for surface mounting which makes it ideally suited for high density applications with limited space. In addition to eliminating through-holes requirements, this package conforms to standards for surface mounted devices.

• FEATURES
• High Current Transfer Ratio, IF=1 mA
   IL215A—20% Minimum
   IL216A—50% Minimum
   IL217A—100% Minimum
• Isolation Voltage, 2500 VACRMS
• Electrical Specifications Similar to
   Standard 6 Pin Coupler
• Industry Standard SOIC-8 Surface
   Mountable Package
• Standard Lead Spacing, .05"
• Available in Tape and Reel Option
   (Conforms to EIA Standard RS481A)
• Compatible with Dual Wave, Vapor Phase
   and IR Reflow Soldering
• Underwriters Lab File #E52744
   (Code Letter P)




Similar Part No. - IL216A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL216AT SIEMENS-IL216AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL216AT VISHAY-IL216AT Datasheet
122Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.9, 08-May-08
More results


Similar Description - IL216A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
   DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
   DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com