Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8130A Datasheet (PDF) - Asahi Kasei Microsystems

AK8130A Datasheet PDF - Asahi Kasei Microsystems
Part # AK8130A
Download  AK8130A Download

File Size   116.38 Kbytes
Page   8 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power Multiclock Generator with VCXO

AK8130A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8130A Datasheet PDF - Asahi Kasei Microsystems

Part # AK8130A
Download  AK8130A Click to download

File Size   116.38 Kbytes
Page   8 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power Multiclock Generator with VCXO

AK8130A Datasheet (HTML) - Asahi Kasei Microsystems

AK8130A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8130A Datasheet HTML 8Page - Asahi Kasei Microsystems

AK8130A Product details

Description
The AK8130A is a member of AKEMD’s low power multi clock generator family designed for a feature rich DTV or STB, requiring a range of system clocks with high performance. The AK8130A generates different frequency clocks from a 27MHz crystal oscillator and provides them to up to four outputs configured by pin-setting. The on-chip VCXO accepts a voltage control input to allow the output clocks to vary by ±110 ppm for synchronizing to the external clock system. Both circuitries of VCXO and PLL in AK8130A are derived from AKEMD’s long-term-experienced clock device technology, and enable clock output to perform low jitter and to operate with very low current consumption. The AK8130A is available in a 16-pin SSOP package

Features
■ 27MHz Crystal Input
■ Four Frequency-Selectable Clock Outputs
■ One 27MHz-Reference Output
■ Selectable Clock out Frequencies:
    - 54.000,74.1758, 74.250MHz
    - 25.000MHz
    - 4.9152, 12.000, 48.000MHz
    - 24.576, 33.333MHz
■ Built-in VCXO
    - Pull Range: ±110ppm (Min.)
■ Low Jitter Performance
    - Period Jitter:
        150 psec (Typ.) at CLK1-4
    - Long Term Jitter :
        160 psec (Typ.) at REFOUT
■ Low Current Consumption: 16.5mA (Typ.) at 3.3V
■ Supply Voltage: 3.0 – 3.6V
■ Operating Temperature Range: -20 to +85℃
■ Package: 16-pin TSSOP (Lead free)

Applications
■ Digital TV Sets
■ Personal Video Recorders
■ Set-Top-Boxes
■ Multi Media Receivers



Similar Part No. - AK8130A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
More results


Similar Description - AK8130A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8131S AKM-AK8131S Datasheet
117Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130 AKM-AK8130 Datasheet
114Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8137A AKM-AK8137A Datasheet
699Kb / 11P
   Low Power Multiclock Generator with XO
AK8136A AKM-AK8136A Datasheet
602Kb / 18P
   Low Power Multiclock Generator with XO
AK8133 AKM-AK8133 Datasheet
326Kb / 10P
   Low Suprious Multiclock Generator for Audio
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY2VC521-2 CYPRESS-CY2VC521-2 Datasheet
255Kb / 9P
   Low Noise LVDS Clock Generator with VCXO
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com