Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT51550-IR Datasheet (PDF) - Marktech Corporate

MT51550-IR Datasheet PDF - Marktech Corporate
Part # MT51550-IR
Download  MT51550-IR Download
File Size   593.85 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 1550nm

MT51550-IR Datasheet (PDF)

Go To PDF Page Download Datasheet
MT51550-IR Datasheet PDF - Marktech Corporate

Part # MT51550-IR
Download  MT51550-IR Click to download

File Size   593.85 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 1550nm

MT51550-IR Datasheet (HTML) - Marktech Corporate




Similar Part No. - MT51550-IR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Similar Description - MT51550-IR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5015-995-IR MARKTECH-MTE5015-995-IR Datasheet
1Mb / 2P
Peak Emission Wavelength: 1550nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
Peak Emission Wavelength: 650nm
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
Peak Emission Wavelength: 855nm
MTPS8085FT_1105 MARKTECH-MTPS8085FT_1105 Datasheet
679Kb / 3P
Peak Emission Wavelength: 855nm
MTPS8065WC_1105 MARKTECH-MTPS8065WC_1105 Datasheet
531Kb / 3P
Peak Emission Wavelength: 650nm
MTPS3085WC1_1105 MARKTECH-MTPS3085WC1_1105 Datasheet
753Kb / 3P
Peak Emission Wavelength: 855nm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com