Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S64160AT-10 Datasheet (PDF) - Siemens Semiconductor Group

HYB39S64160AT-10 Datasheet PDF - Siemens Semiconductor Group
Part # HYB39S64160AT-10
Download  HYB39S64160AT-10 Download

File Size   678.56 Kbytes
Page   53 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 64 MBit Synchronous DRAM

HYB39S64160AT-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB39S64160AT-10 Datasheet PDF - Siemens Semiconductor Group

Part # HYB39S64160AT-10
Download  HYB39S64160AT-10 Click to download

File Size   678.56 Kbytes
Page   53 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 64 MBit Synchronous DRAM

HYB39S64160AT-10 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB39S64160AT-10 Datasheet HTML 1Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 2Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 3Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 4Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 5Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 6Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 9Page - Siemens Semiconductor Group HYB39S64160AT-10 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB39S64160AT-10 Product details

64 MBit Synchronous DRAM

• High Performance:
• Fully Synchronous to Positive Clock Edge
• 0 to 70°C operating temperature
• Four Banks controlled by BA0 & BA1
• Programmable CASLatency: 2 & 3
• Programmable Wrap Sequence: Sequential or Interleave
• Programmable Burst Length: 1, 2, 4, 8
• full page (optional) for sequential wrap around
• Multiple Burst Read with Single Write Operation
• Automatic and Controlled Precharge Command
• Data Mask for Read / Write control (x4, x8)
• Data Mask for byte control (x16)
• Auto Refresh (CBR) and Self Refresh
• Suspend Mode and Power Down Mode
• 4096 refresh cycles / 64 ms
• Random Column Address every CLK ( 1-N Rule)
• Single 3.3V +/- 0.3V Power Supply
• LVTTL Interface version
• Plastic Packages: P-TSOPII-54 400mil width (x4, x8, x16)
• -8 version for PC100 2-2-2 applications
  -8B version for PC100 3-2-3 applications




Similar Part No. - HYB39S64160AT-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64160BT-7.5 INFINEON-HYB39S64160BT-7.5 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
More results


Similar Description - HYB39S64160AT-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com