Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165805ATL-60 Datasheet (PDF) - Siemens Semiconductor Group

HYB3165805ATL-60 Datasheet PDF - Siemens Semiconductor Group
Part # HYB3165805ATL-60
Download  HYB3165805ATL-60 Download

File Size   327.54 Kbytes
Page   29 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 8-Bit Dynamic RAM

HYB3165805ATL-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB3165805ATL-60 Datasheet PDF - Siemens Semiconductor Group

Part # HYB3165805ATL-60
Download  HYB3165805ATL-60 Click to download

File Size   327.54 Kbytes
Page   29 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 8-Bit Dynamic RAM

HYB3165805ATL-60 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB3165805ATL-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165805ATL-60 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB3165805ATL-60 Product details

This HYB3164(5)805A is a 64 MBit dynamic RAM organized 8 388 608 by 8 bits. The device is fabricated on an advanced second generation 64Mbit 0,35µm-CMOS silicon gate process technology. The circuit and process design allow this device to achieve high performance and low power dissipation.

Advanced Information
• 8 388 608 words by 8-bit organization
• 0 to 70 °C operating temperature
• Hyper Page Mode - EDO - operation
• Performance:
• Single + 3.3 V (± 0.3V) power supply
• Low power dissipation:
    max. 450 active mW ( HYB 3164805AJ/AT(L)-40)
    max. 360 active mW ( HYB 3164805AJ/AT(L)-50)
    max. 324 active mW ( HYB 3164805AJ/AT(L)-60)
    max. 612 active mW ( HYB 3165805AJ/AT(L)-40)
    max. 468 active mW ( HYB 3165805AJ/AT(L)-50)
    max. 432 active mW ( HYB 3165805AJ/AT(L)-60)
    7.2 mW standby (LVTTL)
    3.24 mW standby (LVMOS)
720 µA standby for L-version
• Read, write, read-modify-write, CAS-before-RAS refresh (CBR), RAS-only refresh, hidden refresh
• Self refresh (L-version only)
• 8192 refresh cycles/128 ms , 13 R/ 10C addresses (HYB 3164805AJ/AT)
    4096 refresh cycles/ 64 ms , 12 R/ 11C addresses (HYB 3165805AJ/AT)
• 256 msec refresh period for L-versions
• Plastic Package: P-SOJ-32-1 400 mil HYB 3164(5)805AJ
    P-TSOPII-32-1 400 mil HYB 3164(5)805AT(L)




Similar Part No. - HYB3165805ATL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805BJ-40 SIEMENS-HYB3165805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-50 SIEMENS-HYB3165805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-60 SIEMENS-HYB3165805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-40 SIEMENS-HYB3165805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-50 SIEMENS-HYB3165805BT-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results


Similar Description - HYB3165805ATL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com