Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550234-T1 Datasheet (PDF) - Renesas Technology Corp

NE5550234-T1 Datasheet PDF - Renesas Technology Corp
Part # NE5550234-T1
Download  NE5550234-T1 Download

File Size   1182.43 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Power MOS FET

NE5550234-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5550234-T1 Datasheet PDF - Renesas Technology Corp

Part # NE5550234-T1
Download  NE5550234-T1 Click to download

File Size   1182.43 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Power MOS FET

NE5550234-T1 Datasheet (HTML) - Renesas Technology Corp

Back Button NE5550234-T1 Datasheet HTML 1Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 2Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 3Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 4Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 5Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 6Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 7Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 8Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 9Page - Renesas Technology Corp NE5550234-T1 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

NE5550234-T1 Product details

FEATURES

• High Output Power : Pout = 33.0 dBm TYP. (VDS = 7.5 V, IDset = 40 mA, f = 460 MHz, Pin = 15 dBm)

• High power added efficiency : ηadd = 68% TYP. (VDS = 7.5 V, IDset = 40 mA, f = 460 MHz, Pin = 15 dBm)

• High Linear gain : GL = 23.5 dB TYP. (VDS = 7.5 V, IDset = 40 mA, f = 460 MHz, Pin = 0 dBm)

• High ESD tolerance

• Suitable for VHF to UHF-BAND Class-AB power amplifier.



APPLICATIONS

• 150 MHz Band Radio System

• 460 MHz Band Radio System

• 900 MHz Band Radio System



 




Similar Part No. - NE5550234-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550234-T1 RENESAS-NE5550234-T1 Datasheet
1Mb / 16P
   Silicon Power MOS FET
logo
California Eastern Labs
NE5550234-T1 CEL-NE5550234-T1 Datasheet
2Mb / 15P
   Silicon Power MOS FET
logo
Renesas Technology Corp
NE5550234-T1-AZ RENESAS-NE5550234-T1-AZ Datasheet
1Mb / 16P
   Silicon Power MOS FET
logo
California Eastern Labs
NE5550234-T1-AZ CEL-NE5550234-T1-AZ Datasheet
2Mb / 15P
   Silicon Power MOS FET
More results


Similar Description - NE5550234-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
   SILICON POWER MOS FET
2003
NE552R679A RENESAS-NE552R679A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
   SILICON POWER MOS FET
2007
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
   SILICON POWER MOS FET
2003
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
   Silicon Power MOS FET
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
   SILICON POWER MOS FET
2007
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
   SILICON POWER MOS FET
2007
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
   SILICON POWER MOS FET
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com