Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HYB3164800AJ Datasheet (PDF) - Siemens Semiconductor Group

HYB3164800AJ Datasheet PDF - Siemens Semiconductor Group
Part No. HYB3164800AJ
Download  HYB3164800AJ Click to view

File Size   247.83 Kbytes
Page   26 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 8-Bit Dynamic RAM

HYB3164800AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB3164800AJ Datasheet PDF - Siemens Semiconductor Group

Part No. HYB3164800AJ
Download  HYB3164800AJ Click to view

File Size   247.83 Kbytes
Page   26 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8M x 8-Bit Dynamic RAM

HYB3164800AJ Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB3164800AJ Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164800AJ Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB3164800AJ Product details

This device is a 64 MBit dynamic RAM organized 8 388 608 by 8 bits. The device is fabricated in an advanced second generation 64Mbit 0,35 µm CMOS silicon gate process technology. The circuit and process design allow this device to achieve high performance and low power dissipation. This DRAM operates with a single 3.3 +/-0.3V power supply and interfaces with either LVTTL or LVCMOS levels. Multiplexed address inputs permit the HYB 3164(5)800AJ/AT to be packaged in a 400mil wide SOJ-32 or TSOP-32 plastic package.

Advanced Information
• 8 388 608 words by 8-bit organization
• 0 to 70 °C operating temperature
• Fast Page Mode operation
• Single + 3.3 V (± 0.3V) power supply
• Low power dissipation:
    max. 396 mW active ( HYB 3164800AJ/AT(L) -40)
    max. 324 mW active ( HYB 3164800AJ/AT(L) -50)
    max. 270 mW active ( HYB 3164800AJ/AT(L) -60)
    max. 558 mW active ( HYB 3165800AJ/AT(L) -40)
    max. 468 mW active ( HYB 3165800AJ/AT(L) -50)
    max. 378 mW active ( HYB 3165800AJ/AT(L) -60)
    7.2 mW standby (LVTTL)
    3.24 mW standby (LVCMOS)
    720 µW standby for L-versions
• Read, write, read-modify-write, CAS-before-RAS refresh (CBR), RAS-only refresh, hidden refresh and self refresh (L-version only)
• 8192 refresh cycles/128 ms , 13 R/ 10C addresses (HYB 3164800AJ/AT) 4096 refresh cycles/ 64 ms , 12 R/ 11C addresses (HYB 3165800AJ/AT)
• 256 msec refresh period for L-versions
• Plastic Package: P-SOJ-32-1 400 mil HYB 3164(5)800AJ P-TSOPII-32-1 400 mil HYB 3164(5)800AT(L)



Similar Part No. - HYB3164800AJ

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800J-50 SIEMENS-HYB3164800J-50 Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800J-60 SIEMENS-HYB3164800J-60 Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800T-50 SIEMENS-HYB3164800T-50 Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800T-60 SIEMENS-HYB3164800T-60 Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164800AJ

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com