Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3117405BJ-50 Datasheet (PDF) - Siemens Semiconductor Group

HYB3117405BJ-50 Datasheet PDF - Siemens Semiconductor Group
Part # HYB3117405BJ-50
Download  HYB3117405BJ-50 Download

File Size   285.45 Kbytes
Page   26 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 4M x 4-Bit EDO-Dynamic RAM

HYB3117405BJ-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB3117405BJ-50 Datasheet PDF - Siemens Semiconductor Group

Part # HYB3117405BJ-50
Download  HYB3117405BJ-50 Click to download

File Size   285.45 Kbytes
Page   26 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 4M x 4-Bit EDO-Dynamic RAM

HYB3117405BJ-50 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB3117405BJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117405BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB3117405BJ-50 Product details

3.3V 4M x 4-Bit EDO-Dynamic RAM

The HYB 3116(7)405BJ/BT(L) is a 16MBit dynamic RAM organized as 4194304 words by 4-bits. The HYB 3116(7)405BJ/BT(L) utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 3116(7)405BJ/BT(L) to be packaged in a standard SOJ 26/24 300 mil or TSOPII-26/24 300 mil wide plastic package. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. System-oriented features include single + 3.3 V (± 0.3 V) power supply, direct interfacing with high-performance logic device families.The HYB3116405BTL parts have a very low power „sleep mode“ supported by Self Refresh.

Advanced Information
• 4 194 304 words by 4-bit organization
• 0 to 70 °C operating temperature
• Performance
• Single + 3.3 V (± 0.3V ) supply
• Low power dissipation
   max. 396 active mW (HYB3117405BJ/BT-50)
   max. 363 active mW (HYB3117405BJ/BT-60)
   max. 330 active mW (HYB3117405BJ/BT-70)
   max. 360 active mW (HYB3116405BJ/BT-50)
   max. 324 active mW (HYB3116405BJ/BT-60)
   max. 288 active mW (HYB3116405BJ/BT-70)
   7.2 mW standby (LV-TTL)
   3.6 mW standby (LV-CMOS)
   720 µW standby for L-version
• Output unlatched at cycle end allows two-dimensional chip selection
• Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh, Self Refresh and test mode
• Hyper page mode (EDO) capability
• All inputs, outputs and clocks fully TTL-compatible
• 2048 refresh cycles / 32 ms for HYB3117405
   4096 refresh cycles / 64 ms for HYB3116405
• Plastic Package: P-SOJ-26/24-1 (300 mil)
                              P-TSOPII-26/24-1 (300mil)




Similar Part No. - HYB3117405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117405BJ-50 SIEMENS-HYB3117405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results


Similar Description - HYB3117405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com