Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32A Datasheet (PDF) - WILLAS ELECTRONIC CORP

SK32A Datasheet PDF - WILLAS ELECTRONIC CORP
Part # SK32A
Download  SK32A Download
File Size   812.17 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE

SK32A Datasheet (PDF)

Go To PDF Page Download Datasheet
SK32A Datasheet PDF - WILLAS ELECTRONIC CORP

Part # SK32A
Download  SK32A Click to download

File Size   812.17 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE

SK32A Datasheet (HTML) - WILLAS ELECTRONIC CORP


SK32A Product details

FEATURES

* Ideal for surface mounted applications

* Low leakage current

* Metallurgically bonded construction

* High reliability

* RoHS product for packing code suffix "G" Halogen free product for packing code suffix "H"



MECHANICAL DATA

Case: Molded plastic, DO-214AC/SMA

Epoxy: UL 94V-O rate flame retardant

Mounting position: Any

Weight: Approximated 0.06 gram.

Terminals: Solder plated, solderable per MIL-STD-750, Method 2026.




Similar Part No. - SK32A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32A MCC-SK32A Datasheet
620Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A Datasheet
130Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
SK32A SEMTECH_ELEC-SK32A Datasheet
183Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A Datasheet
131Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SK32A

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
Microdiode Semiconducto...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM320-AS PACELEADER-PFM320-AS Datasheet
485Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com