Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLG2416 Datasheet (PDF) - Siemens Semiconductor Group

DLG2416 Datasheet PDF - Siemens Semiconductor Group
Part # DLG2416
Download  DLG2416 Download

File Size   214.0 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver

DLG2416 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLG2416 Datasheet PDF - Siemens Semiconductor Group

Part # DLG2416
Download  DLG2416 Click to download

File Size   214.0 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver

DLG2416 Datasheet (HTML) - Siemens Semiconductor Group

DLG2416 Datasheet HTML 1Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 2Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 3Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 4Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 5Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 6Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 7Page - Siemens Semiconductor Group

DLG2416 Product details

DESCRIPTION

The DLR/DLO/DLG2416 is a four digit 5x7 dot matrix display module with a built-in CMOS integrated circuit. This display is X/Y stackable.

The integrated circuit contains memory, ASCII ROM decoder, multiplexing circuitry and drivers. Data entry is asynchronous and can be random. A display system can be built using any number of DLX2416s since each digit can be addressed independently and will continue to display the character last stored until replaced by another.



FEATURES

• Dot Matrix Replacement for DL2416T

• 0.200" 5 x 7 Dot Matrix Characters

• 128 Special ASCII Characters for English, German, Italian, Swedish, Danish, and Norwegian Languages

• Wide Viewing Angle: X Axis 50° Maximum, Y Axis ±75° Maximum

• Close Multi-line Spacing, 0.8" Centers

• Fast Access Time, 110 ns at 25°C

• Full Size Display for Stationary Equipment

• Built-in Memory

• Built-in Character Generator

• Built-in Multiplex and LED Drive Circuitry

• Direct Access to Each Digit Independently

• and Asynchronously

• Independent Cursor Function

• Memory Function: Clears Character and Cursor Memory Simultaneously

• True Blanking for Intensity Dimming Applications

• End-Stackable, 4-Character Package

• Intensity Coded for Display Uniformity

• Extended Operating Temperature Range: –40°C to +85°C

• Superior ESD Immunity

• Wave Solderable

• TTL Compatible over Operating Temperature Range

• Interdigit Blanking



 




Similar Part No. - DLG2416

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLG2416 OSRAM-DLG2416 Datasheet
689Kb / 11P
   The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
More results


Similar Description - DLG2416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
   X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
   4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com