![]() |
Electronic Components Datasheet Search |
|
CGY96 Datasheet (PDF) - Siemens Semiconductor Group |
CGY96 Datasheet (HTML) - Siemens Semiconductor Group |
CGY96 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | CGY96 |
Download | CGY96 Click to view |
File Size | 101.82 Kbytes |
Page | 10 Pages |
Maker | SIEMENS [Siemens Semiconductor Group] |
Homepage | http://www.siemens.com/ |
Logo | |
Description | GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%) |
Related Electronics Part Number |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |