Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6006DPP-E0 Datasheet (PDF) - Renesas Technology Corp

RJK6006DPP-E0 Datasheet PDF - Renesas Technology Corp
Part # RJK6006DPP-E0
Download  RJK6006DPP-E0 Download

File Size   86.22 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 5A - MOS FET High Speed Power Switching

RJK6006DPP-E0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK6006DPP-E0 Datasheet PDF - Renesas Technology Corp

Part # RJK6006DPP-E0
Download  RJK6006DPP-E0 Click to download

File Size   86.22 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 5A - MOS FET High Speed Power Switching

RJK6006DPP-E0 Datasheet (HTML) - Renesas Technology Corp

RJK6006DPP-E0 Datasheet HTML 1Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 2Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 3Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 4Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 5Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 6Page - Renesas Technology Corp RJK6006DPP-E0 Datasheet HTML 7Page - Renesas Technology Corp

RJK6006DPP-E0 Product details

Features
• Low on-state resistance
   RDS(on) = 1.4 Ω typ. (at ID = 2.5 A, VGS = 10 V, Ta = 25°C)
• High speed switching




Similar Part No. - RJK6006DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6006DPP-E0 RENESAS-RJK6006DPP-E0_15 Datasheet
86Kb / 7P
   600V - 5A - MOS FET High Speed Power Switching
More results


Similar Description - RJK6006DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6006DPP-A0 RENESAS-RJK6006DPP-A0 Datasheet
170Kb / 7P
   600V - 5A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6006DPP-E0 RENESAS-RJK6006DPP-E0_15 Datasheet
86Kb / 7P
   600V - 5A - MOS FET High Speed Power Switching
RJK6026DPP-E0 RENESAS-RJK6026DPP-E0 Datasheet
87Kb / 7P
   600V - 5A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
   600V - 21A - MOS FET High Speed Power Switching
RJK6025DPE RENESAS-RJK6025DPE_15 Datasheet
81Kb / 7P
   600V - 0.8A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com