Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY181 Datasheet (PDF) - Siemens Semiconductor Group

CGY181 Datasheet PDF - Siemens Semiconductor Group
Part # CGY181
Download  CGY181 Download
File Size   138.0 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)

CGY181 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY181 Datasheet PDF - Siemens Semiconductor Group

Part # CGY181
Download  CGY181 Click to download

File Size   138.0 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)

CGY181 Datasheet (HTML) - Siemens Semiconductor Group


CGY181 Product details

GaAs MMIC

* Power amplifier for PCN/PCS applications
* Fully integrated 2 stage amplifier
* Operating voltage range: 2.7 to 6 V
* Overall power added efficiency 35 %
* Input matched to 50 Ω, simple output match




Similar Part No. - CGY181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
More results


Similar Description - CGY181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
PCS 2 Watt Linear GaAs MMIC Power Amplifier
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
logo
Motorola, Inc
MRFIC1870 MOTOROLA-MRFIC1870 Datasheet
265Kb / 4P
3.2 V DCS/PCS GaAs Integrated Power Amplifier
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
Power GaAs MMIC Amplifier 2-6.5GHz
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com