Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C509-L Datasheet (PDF) - Siemens Semiconductor Group

C509-L Datasheet PDF - Siemens Semiconductor Group
Part # C509-L
Download  C509-L Download
File Size   1607.48 Kbytes
Page   74 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C509-L Datasheet (PDF)

Go To PDF Page Download Datasheet
C509-L Datasheet PDF - Siemens Semiconductor Group

Part # C509-L
Download  C509-L Click to download

File Size   1607.48 Kbytes
Page   74 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C509-L Datasheet (HTML) - Siemens Semiconductor Group


C509-L Product details

The C509-L is a high-end microcontroller in the Siemens C500 8-bit microcontroller family. lt is based on the well-known industry standard 8051 architecture; a great number of enhancements and new peripheral features extend its capabilities to meet the extensive requirements of new applications. Further, the C509-L is a superset of the Siemens SAB 80C517/80C517A 8-bit microcontroller thus offering an easy upgrade path for SAB 80C517/80C517A users.

Advance Information
• Full upward compatibility with SAB 80C517/80C517A and 8051/C501 microcontrollers
• 256 byte on-chip RAM
• 3K byte of on-chip XRAM
• 256 directly addressable bits
• 375 ns instruction cycle at 16-MHz oscillator frequency
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• External program and data memory expandable up to 64 Kbyte each
• 8-bit A/D converter with 15 multiplexed inputs and built-in self calibration
• Two 16-bit timers/counters (8051 compatible)
• Three 16-bit timers/counters (can be used in combination with the compare/capture unit)
• Powerful compare/capture unit (CCU) with up to 29 high-speed or PWM output channels or 13 capture inputs
• Arithmetic unit for division, multiplication, shift and normalize operations
• Eight datapointers instead of one for indirect addressing of program and external data memory
• Extended watchdog facilities
    – 15-bit programmable watchdog timer
    – Oscillator watchdog
• Ten I/O ports
    – Eight bidirectional 8-bit I/O ports with selectable port structure quasi-bidirectional port structure (8051 compatible) bidirectional port structure with CMOS voltage levels
    – One 8-bit and one 7-bit input port for analog and digital input signals
• Two full-duplex serial interfaces with own baud rate generators
• Four priority level interrupt systems, 19 interrupt vectors
• Three power saving modes
    – Slow-down mode
    – Idle mode
    – Power-down mode
• Siemens high-performance ACMOS technology
• M-QFP-100-2 rectangular quad flat package
• Temperature Ranges : SAB-C509-L TA = 0 to 70 °C SAF-C509-L TA = -40 to 85 °C




Similar Part No. - C509-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C509-L INFINEON-C509-L Datasheet
1Mb / 74P
8-Bit CMOS Microcontroller
09.96
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
4Mb / 290P
8-Bit CMOS Microcontroller
C509-L SIEMENS-C509-L_97 Datasheet
4Mb / 290P
8-Bit CMOS Microcontroller
More results


Similar Description - C509-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
CMOS 8-Bit Microcontroller
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
CMOS 8 BIT MICROCONTROLLER
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
CMOS 8-BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
CMOS 8-bit MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com