Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6206BBEJ12 Datasheet (PDF) - Motorola, Inc

MCM6206BBEJ12 Datasheet PDF - Motorola, Inc
Part # MCM6206BBEJ12
Download  MCM6206BBEJ12 Download

File Size   108.55 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 8 Bit Fast Static RAM

MCM6206BBEJ12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6206BBEJ12 Datasheet PDF - Motorola, Inc

Part # MCM6206BBEJ12
Download  MCM6206BBEJ12 Click to download

File Size   108.55 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 8 Bit Fast Static RAM

MCM6206BBEJ12 Datasheet (HTML) - Motorola, Inc

MCM6206BBEJ12 Datasheet HTML 1Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 2Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 3Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 4Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 5Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 6Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 7Page - Motorola, Inc MCM6206BBEJ12 Datasheet HTML 8Page - Motorola, Inc

MCM6206BBEJ12 Product details

32K x 8 Bit Fast Static RAM

The MCM6206BB is a 262,144 bit static random access memory organized as 32,768 words of 8 bits. Static design eliminates the need for external clocks or timing strobes, while CMOS circuitry reduces power consumption and provides for greater reliability.
This device meets JEDEC standards for functionality and pinout, and is available in plastic small–outline J–leaded packages.

• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• Fast Access Times: 12/15/20/25 ns
• Equal Address and Chip Enable Access Times
• Output Enable (G) Feature for Increased System Flexibility and to Eliminate Bus Contention Problems
• Low Power Operation: 125 – 140 mA Maximum AC
• Fully TTL Compatible — Three State Output




Similar Part No. - MCM6206BBEJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
More results


Similar Description - MCM6206BBEJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
List of Unclassifed Man...
PDM41256 ETC-PDM41256 Datasheet
73Kb / 8P
   256K Static RAM 32K x 8-Bit
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
January 7, 2003
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com