Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4060 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4060 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4060
Download  1N4060 Download

File Size   378.73 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH VOLTAGE DIODES

1N4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4060 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4060
Download  1N4060 Click to download

File Size   378.73 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description HIGH VOLTAGE DIODES

1N4060 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N4060 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

1N4060 Product details

FEATURES
• ZENER VOLTAGE 12.4V to 200V
• TEMPERATURE COEFFICIENT RANGE: 0.005%/°C to 0.002%/°C




Similar Part No. - 1N4060

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4060 CDI-DIODE-1N4060 Datasheet
50Kb / 2P
   12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
Microsemi Corporation
1N4060 MICROSEMI-1N4060 Datasheet
78Kb / 2P
   HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
logo
Compensated Deuices Inc...
1N4060A CDI-DIODE-1N4060A Datasheet
50Kb / 2P
   12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
Microsemi Corporation
1N4060A MICROSEMI-1N4060A Datasheet
78Kb / 2P
   HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
More results


Similar Description - 1N4060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
   High Voltage Diodes
logo
SiPower Inc.
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
   High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
   High voltage diodes
logo
SUNMATE electronic Co.,...
HVP-16 SUNMATE-HVP-16 Datasheet
273Kb / 1P
   HIGH VOLTAGE DIODES
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
   HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
   High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
   High Voltage Diodes
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
   High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
   High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
   High Voltage Diodes
2CLS01 SIPOWER-2CLS01 Datasheet
56Kb / 2P
   High Voltage Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com