Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCX050N25 Datasheet (PDF) - Rohm

RCX050N25 Datasheet PDF - Rohm
Part # RCX050N25
Download  RCX050N25 Download

File Size   1227.03 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 10V Drive Nch MOSFET

RCX050N25 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCX050N25 Datasheet PDF - Rohm

Part # RCX050N25
Download  RCX050N25 Click to download

File Size   1227.03 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 10V Drive Nch MOSFET

RCX050N25 Datasheet (HTML) - Rohm

RCX050N25 Datasheet HTML 1Page - Rohm RCX050N25 Datasheet HTML 2Page - Rohm RCX050N25 Datasheet HTML 3Page - Rohm RCX050N25 Datasheet HTML 4Page - Rohm RCX050N25 Datasheet HTML 5Page - Rohm RCX050N25 Datasheet HTML 6Page - Rohm RCX050N25 Datasheet HTML 7Page - Rohm



Similar Part No. - RCX050N25

ManufacturerPart #DatasheetDescription
logo
Rohm
RCX051N25 ROHM-RCX051N25 Datasheet
451Kb / 13P
   Nch 250V 5.0A Power MOSFET
logo
Inchange Semiconductor ...
RCX051N25 ISC-RCX051N25 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - RCX050N25

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com