Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM111 Datasheet (PDF) - Siemens Semiconductor Group

BSM111 Datasheet PDF - Siemens Semiconductor Group
Part # BSM111
Download  BSM111 Download

File Size   216.54 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIMOPAC Module (Power module Single switch N channel Enhancement mode)

BSM111 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSM111 Datasheet PDF - Siemens Semiconductor Group

Part # BSM111
Download  BSM111 Click to download

File Size   216.54 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIMOPAC Module (Power module Single switch N channel Enhancement mode)

BSM111 Datasheet (HTML) - Siemens Semiconductor Group

BSM111 Datasheet HTML 1Page - Siemens Semiconductor Group BSM111 Datasheet HTML 2Page - Siemens Semiconductor Group BSM111 Datasheet HTML 3Page - Siemens Semiconductor Group BSM111 Datasheet HTML 4Page - Siemens Semiconductor Group BSM111 Datasheet HTML 5Page - Siemens Semiconductor Group BSM111 Datasheet HTML 6Page - Siemens Semiconductor Group BSM111 Datasheet HTML 7Page - Siemens Semiconductor Group BSM111 Datasheet HTML 8Page - Siemens Semiconductor Group BSM111 Datasheet HTML 9Page - Siemens Semiconductor Group

BSM111 Product details

SIMOPAC® Module



VDS = 100 V

ID = 200 A

RDS(on) = 8.5 mΩ



●Power module

●Single switch

●N channel

●Enhancement mode

●Package with insulated metal base plate

●Package outline/Circuit diagram: 11)




Similar Part No. - BSM111

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM100GAL120DLCK INFINEON-BSM100GAL120DLCK Datasheet
271Kb / 10P
   IGBT-modules
2008-08-07 revision:3.2
logo
Siemens Semiconductor G...
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
logo
eupec GmbH
BSM100GB120DLC EUPEC-BSM100GB120DLC Datasheet
86Kb / 8P
   IGBT-Modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
   IGBT-Modules
logo
Siemens Semiconductor G...
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results


Similar Description - BSM111

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM101AR SIEMENS-BSM101AR Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM191 SIEMENS-BSM191 Datasheet
223Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
logo
STMicroelectronics
SGS150MA010D1 STMICROELECTRONICS-SGS150MA010D1 Datasheet
165Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS30MA050D1 STMICROELECTRONICS-SGS30MA050D1 Datasheet
172Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com