Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20150 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR20150 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR20150_11
Download  SBR20150 Download

File Size   246.82 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers

SBR20150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR20150 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR20150_11
Download  SBR20150 Click to download

File Size   246.82 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers

SBR20150 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SBR20150_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR20150_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - SBR20150_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR20150 SECOS-SBR20150_15 Datasheet
258Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR20150_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR20150F SECOS-MBR20150F Datasheet
147Kb / 2P
   Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR20150 SECOS-MBR20150 Datasheet
147Kb / 2P
   Voltage 150 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040F SECOS-MBR2040F Datasheet
135Kb / 2P
   Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
   Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
   Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20100 SECOS-MBR20100 Datasheet
147Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
   Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040 SECOS-MBR2040 Datasheet
135Kb / 2P
   Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060 Datasheet
201Kb / 2P
   Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com