Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFT92W Datasheet (PDF) - Siemens Semiconductor Group

BFT92W Datasheet PDF - Siemens Semiconductor Group
Part No. BFT92W
Download  BFT92W Click to view

File Size   56.71 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)

BFT92W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT92W Datasheet PDF - Siemens Semiconductor Group

Part No. BFT92W
Download  BFT92W Click to view

File Size   56.71 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)

BFT92W Datasheet (HTML) - Siemens Semiconductor Group

BFT92W Datasheet HTML 1Page - Siemens Semiconductor Group BFT92W Datasheet HTML 2Page - Siemens Semiconductor Group BFT92W Datasheet HTML 3Page - Siemens Semiconductor Group BFT92W Datasheet HTML 4Page - Siemens Semiconductor Group BFT92W Datasheet HTML 5Page - Siemens Semiconductor Group BFT92W Datasheet HTML 6Page - Siemens Semiconductor Group BFT92W Datasheet HTML 7Page - Siemens Semiconductor Group

BFT92W Product details

PNP Silicon RF Transistor
   
• For broadband amplifiers up to 2GHz
    at collector currents up to 20mA
• Complementary type: BFR 92W (NPN)
   



Similar Part No. - BFT92W

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
   PNP 4 GHz wideband transistor
May 1994
BFT92W NXP-BFT92W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W_15 Datasheet
371Kb / 14P
   PNP 4 GHz wideband transistor
May 1994
More results

Similar Description - BFT92W

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
More results

Datasheet Page

1  2  3  4  5  6  7 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz