Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF51 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

SF51 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # SF51
Download  SF51 Download

File Size   120.87 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF51 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # SF51
Download  SF51 Click to download

File Size   120.87 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

SF51 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SF51 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

SF51 Product details

Plastic High-Efficiency Rectifiers

Reverse Voltage 50 to 600V

Forward Current 5.0A



Features

Low reverse leakage

High forward surge capability

High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

Lead and body according with RoHS standard




Similar Part No. - SF51

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
SUNMATE electronic Co.,...
SF51 SUNMATE-SF51 Datasheet
176Kb / 2P
   5.0A Axial Leaded Super Fast Rectifier Diodes
logo
DAESAN ELECTRONIC CORP.
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Formosa MS
SF51 FORMOSA-SF51 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
Rectron Semiconductor
SF51 RECTRON-SF51 Datasheet
191Kb / 7P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
2020-03 REV:C
More results


Similar Description - SF51

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER501 DACHANG-HER501 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 5.0A
logo
Leshan Radio Company
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Rugao Dachang Electroni...
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
MUR305 DACHANG-MUR305 Datasheet
172Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF21 DACHANG-SF21 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
EG1A DACHANG-EG1A Datasheet
118Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 600V Forward Current 0.6A
logo
List of Unclassifed Man...
MUR340 ETC-MUR340 Datasheet
170Kb / 2P
   Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com