Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB4S Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MB4S Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MB4S
Download  MB4S Download

File Size   118.72 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.5A

MB4S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4S Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MB4S
Download  MB4S Click to download

File Size   118.72 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.5A

MB4S Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

MB4S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MB4S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

MB4S Product details

Reverse Voltage 200 to 1000 V Forward Current 0.5A

Features
• High surge current Capability
• High tempererature soldering guaranteed:
   260℃/10 seconds
• Lead and body according with RoHS standard




Similar Part No. - MB4S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB4S FAIRCHILD-MB4S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
MB4S RECTRON-MB4S Datasheet
175Kb / 6P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
logo
List of Unclassifed Man...
MB4S ETC2-MB4S Datasheet
154Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
RFE international
MB4S RFE-MB4S Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
MB4S HOTTECH-MB4S Datasheet
314Kb / 2P
   Surface Mount Bridge Rectifier
More results


Similar Description - MB4S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
DONGGUAN YOU FENG WEI E...
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
   4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1S YFWDIODE-FMB1S Datasheet
497Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FABS1 YFWDIODE-FABS1 Datasheet
463Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A
FMSB20B YFWDIODE-FMSB20B Datasheet
462Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1F YFWDIODE-FMB1F Datasheet
494Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMSB30B YFWDIODE-FMSB30B Datasheet
461Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??3.0A
logo
GOOD-ARK Electronics
SGPD520S GOOD-ARK-SGPD520S_15 Datasheet
240Kb / 5P
   Surface Mount Schottky Rectifier Reverse Voltage 20~60V Forward Current 0.5A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com