![]() |
Electronic Components Datasheet Search |
|
BFQ72 Datasheet (PDF) - Siemens Semiconductor Group |
BFQ72 Datasheet (HTML) - Siemens Semiconductor Group |
BFQ72 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | BFQ72 |
Download | BFQ72 Click to view |
File Size | 325.33 Kbytes |
Page | 14 Pages |
Maker | SIEMENS [Siemens Semiconductor Group] |
Homepage | http://www.siemens.com/ |
Logo | |
Description | NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.) |
Related Electronics Part Number |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |