Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF2030W Datasheet (PDF) - Siemens Semiconductor Group

BF2030W Datasheet PDF - Siemens Semiconductor Group
Part # BF2030W
Download  BF2030W Download
File Size   16.45 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)

BF2030W Datasheet (PDF)

Go To PDF Page Download Datasheet
BF2030W Datasheet PDF - Siemens Semiconductor Group

Part # BF2030W
Download  BF2030W Click to download

File Size   16.45 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)

BF2030W Datasheet (HTML) - Siemens Semiconductor Group


BF2030W Product details

• For low noise, high gain controlled input stages up to 1GHz

• Operating voltage 5V



 




Similar Part No. - BF2030W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF2030W INFINEON-BF2030W Datasheet
277Kb / 6P
Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF2030W INFINEON-BF2030W Datasheet
118Kb / 11P
Silicon N-Channel MOSFET Tetrode
2007-04-20
More results


Similar Description - BF2030W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040W SIEMENS-BF2040W Datasheet
31Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1005 SIEMENS-BF1005 Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1012S SIEMENS-BF1012S Datasheet
43Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
BF1012 SIEMENS-BF1012 Datasheet
33Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com