Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW61B Datasheet (PDF) - Siemens Semiconductor Group

BCW61B Datasheet PDF - Siemens Semiconductor Group
Part # BCW61B
Download  BCW61B Download

File Size   271.65 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)

BCW61B Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW61B Datasheet PDF - Siemens Semiconductor Group

Part # BCW61B
Download  BCW61B Click to download

File Size   271.65 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)

BCW61B Datasheet (HTML) - Siemens Semiconductor Group

BCW61B Datasheet HTML 1Page - Siemens Semiconductor Group BCW61B Datasheet HTML 2Page - Siemens Semiconductor Group BCW61B Datasheet HTML 3Page - Siemens Semiconductor Group BCW61B Datasheet HTML 4Page - Siemens Semiconductor Group BCW61B Datasheet HTML 5Page - Siemens Semiconductor Group BCW61B Datasheet HTML 6Page - Siemens Semiconductor Group BCW61B Datasheet HTML 7Page - Siemens Semiconductor Group BCW61B Datasheet HTML 8Page - Siemens Semiconductor Group BCW61B Datasheet HTML 9Page - Siemens Semiconductor Group

BCW61B Product details

PNP Silicon AF Transistors

● For AF input stages and driver applications

● High current gain

● Low collector-emitter saturation voltage

● Low noise between 30 Hz and 15 kHz

● Complementary types: BCW 60, BCX 70 (NPN)



 




Similar Part No. - BCW61B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61B PHILIPS-BCW61B Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61B INFINEON-BCW61B Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61B SAMSUNG-BCW61B Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW61B SECOS-BCW61B Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
logo
Fairchild Semiconductor
BCW61B FAIRCHILD-BCW61B Datasheet
32Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - BCW61B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com