Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16BV Datasheet (PDF) - Winbond

W25Q16BV Datasheet PDF - Winbond
Part # W25Q16BV
Download  W25Q16BV Download

File Size   2067.87 Kbytes
Page   68 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16BV Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q16BV Datasheet PDF - Winbond

Part # W25Q16BV
Download  W25Q16BV Click to download

File Size   2067.87 Kbytes
Page   68 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16BV Datasheet (HTML) - Winbond

Back Button W25Q16BV Datasheet HTML 1Page - Winbond W25Q16BV Datasheet HTML 2Page - Winbond W25Q16BV Datasheet HTML 3Page - Winbond W25Q16BV Datasheet HTML 4Page - Winbond W25Q16BV Datasheet HTML 5Page - Winbond W25Q16BV Datasheet HTML 6Page - Winbond W25Q16BV Datasheet HTML 7Page - Winbond W25Q16BV Datasheet HTML 8Page - Winbond W25Q16BV Datasheet HTML 9Page - Winbond W25Q16BV Datasheet HTML 10Page - Winbond Next Button 

W25Q16BV Product details

GENERAL DESCRIPTION
The W25Q16BV (16M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in spacesaving packages.

FEATURES
• Family of SpiFlash Memories
    – W25Q16BV: 16M-bit / 2M-byte (2,097,152)
    – 256-bytes per programmable page
• Standard, Dual or Quad SPI
    – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
    – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
    – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
• Highest Performance Serial Flash
    – Up to 8X that of ordinary Serial Flash
    – 104MHz clock operation
    – 208MHz equivalent Dual SPI
    – 416MHz equivalent Quad SPI
    – 50MB/S continuous data transfer rate
• Efficient “Continuous Read Mode”
    – Low Instruction overhead
    – As few as 8 clocks to address memory
    – Allows true XIP (execute in place) operation
    – Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
    – Single 2.7 to 3.6V supply
    – 4mA active current, <1µA Power-down (typ.)
    – -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
    – Uniform Sector Erase (4K-bytes)
    – Block Erase (32K and 64K-bytes)
    – Program one to 256 bytes
    – More than 100,000 erase/write cycles
    – More than 20-year data retention
• Advanced Security Features
    – Software and Hardware Write-Protect
    – Top or Bottom, Sector or Block selection
    – Lock-Down and OTP protection(1)
    – 64-Bit Unique ID for each device
• Space Efficient Packaging
    – 8-pin SOIC 150(2)/208-mil
    – 8-pad WSON 6x5-mm
    – 8-pin PDIP 300-mil(2)
    – 16-pin SOIC 300-mil(2)
    – Contact Winbond for KGD and other options




Similar Part No. - W25Q16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
   Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CLDAIG WINBOND-W25Q16CLDAIG Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Similar Description - W25Q16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com