Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA60EA120P Datasheet (PDF) - Vishay Siliconix

HFA60EA120P Datasheet PDF - Vishay Siliconix
Part # HFA60EA120P_10
Download  HFA60EA120P Download

File Size   128.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 60 A

HFA60EA120P Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA60EA120P Datasheet PDF - Vishay Siliconix

Part # HFA60EA120P_10
Download  HFA60EA120P Click to download

File Size   128.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 60 A

HFA60EA120P Datasheet (HTML) - Vishay Siliconix

HFA60EA120P_10 Datasheet HTML 1Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 2Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 3Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 4Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 5Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 6Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 7Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 8Page - Vishay Siliconix



Similar Part No. - HFA60EA120P_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
More results


Similar Description - HFA60EA120P_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
VS-HFA120FA60P VISHAY-VS-HFA120FA60P Datasheet
879Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-13
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA120FA60P VISHAY-HFA120FA60P Datasheet
164Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 04-Aug-08
HFA60FA120P VISHAY-HFA60FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 16-Oct-08
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com