Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA32PA120CPBF Datasheet (PDF) - Vishay Siliconix

HFA32PA120CPBF Datasheet PDF - Vishay Siliconix
Part # HFA32PA120CPBF_11
Download  HFA32PA120CPBF Download

File Size   157.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 2 x 16 A

HFA32PA120CPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA32PA120CPBF Datasheet PDF - Vishay Siliconix

Part # HFA32PA120CPBF_11
Download  HFA32PA120CPBF Click to download

File Size   157.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 2 x 16 A

HFA32PA120CPBF Datasheet (HTML) - Vishay Siliconix

HFA32PA120CPBF_11 Datasheet HTML 1Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 2Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 3Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 4Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 5Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 6Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 7Page - Vishay Siliconix HFA32PA120CPBF_11 Datasheet HTML 8Page - Vishay Siliconix



Similar Part No. - HFA32PA120CPBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA32PA120CPBF VISHAY-HFA32PA120CPBF Datasheet
187Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 29-Jul-08
HFA32PA120CPBF VISHAY-HFA32PA120CPBF Datasheet
188Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 06-Aug-08
More results


Similar Description - HFA32PA120CPBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA32PA120CPBF VISHAY-VS-HFA32PA120CPBF Datasheet
147Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 14-Jul-15
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
HFA16PB120PBF VISHAY-HFA16PB120PBF_11 Datasheet
149Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 16 A
Revision: 23-May-11
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 24-May-11
HFA12PA120CPBF VISHAY-HFA12PA120CPBF_11 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 23-May-11
HFA16PA60CPBF VISHAY-HFA16PA60CPBF_11 Datasheet
207Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com