Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-W Datasheet (PDF) - Siemens Semiconductor Group

BAR64-W Datasheet PDF - Siemens Semiconductor Group
Part # BAR64-W
Download  BAR64-W Download

File Size   48.74 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)

BAR64-W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAR64-W Datasheet PDF - Siemens Semiconductor Group

Part # BAR64-W
Download  BAR64-W Click to download

File Size   48.74 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)

BAR64-W Datasheet (HTML) - Siemens Semiconductor Group


BAR64-W Product details

Silicon PIN Diode

• High voltage current controlled RF resistor for RF attenuator and switches
• Frequency range above 1 MHz
• Low resistance and short carrier lifetime
• For frequencies up to 3 GHz




Similar Part No. - BAR64-W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-02 SIEMENS-BAR64-02 Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02L INFINEON-BAR64-02L Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
More results


Similar Description - BAR64-W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com