Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDW51C Datasheet (PDF) - Inchange Semiconductor Company Limited

BDW51C Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDW51C
Download  BDW51C Download

File Size   129.4 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

BDW51C Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW51C Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDW51C
Download  BDW51C Click to download

File Size   129.4 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

BDW51C Datasheet (HTML) - Inchange Semiconductor Company Limited

BDW51C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW51C Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDW51C Datasheet HTML 3Page - Inchange Semiconductor Company Limited

BDW51C Product details

DESCRIPTION
• Collector Current -IC= 15A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = 45V(Min)- BDW51; 60V(Min)- BDW51A 80V(Min)- BDW51B; 100V(Min)- BDW51C
• Complement to Type BDW52/A/B/C

APPLICATIONS
• Designed for use in power linear and switching applications.




Similar Part No. - BDW51C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BDW51C CENTRAL-BDW51C Datasheet
53Kb / 1P
   Power Transistors
logo
Seme LAB
BDW51C SEME-LAB-BDW51C Datasheet
11Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
BDW51C SAVANTIC-BDW51C Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW51C ISC-BDW51C Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BDW51C SAVANTIC-BDW51C Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - BDW51C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com