Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5682P Datasheet (PDF) - Sanyo Semicon Device

LV5682P Datasheet PDF - Sanyo Semicon Device
Part # LV5682P
Download  LV5682P Download

File Size   264.98 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi-Power Supply System IC

LV5682P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV5682P Datasheet PDF - Sanyo Semicon Device

Part # LV5682P
Download  LV5682P Click to download

File Size   264.98 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Car Audio Systems Multi-Power Supply System IC

LV5682P Datasheet (HTML) - Sanyo Semicon Device


LV5682P Product details

Overview
The LV5682P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well as a number of protection functions including overcurrent protection and overheat protection. It is an optimal power supply IC for car audio and car entertainment systems and similar products. It is possible to use it like the bus track etc. in the vehicle whose voltage of the battery is 24V because there is a range of the power-supply voltage up to 32V.

Features
• Four regulator output systems
    For microcontroller: 5.0V output voltage, 200mA maximum output current
    For CD drive: 8.0V output voltage, 1300mA maximum output current
    For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current
    For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum output current
• Two VCC-linked high side switch systems
    EXT: 350mA maximum output current, 0.5V voltage difference between input and output.
    ANT: 300mA maximum output current, 0.5V voltage difference between input and output.
• Two VDD 5V-linked high side switch systems
    SW5V: 200mA maximum output current, 0.2V voltage difference between input and output.
    ACC (accessory voltage detection output): 100mA maximum output current, 0.2V voltage difference between input and output.
• Overcurrent protection function
• Overheat protection function, typ 175ºC
• On-chip accessory voltage detection circuit
• P-channel LDMOS used for power output block




Similar Part No. - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
LV5682P-E ONSEMI-LV5682P-E Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
More results


Similar Description - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com