Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX38M Datasheet (PDF) - Motorola, Inc

MC74LCX38M Datasheet PDF - Motorola, Inc
Part # MC74LCX38M
Download  MC74LCX38M Download

File Size   117.21 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE OPEN DRAIN

MC74LCX38M Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX38M Datasheet PDF - Motorola, Inc

Part # MC74LCX38M
Download  MC74LCX38M Click to download

File Size   117.21 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE OPEN DRAIN

MC74LCX38M Datasheet (HTML) - Motorola, Inc

MC74LCX38M Datasheet HTML 1Page - Motorola, Inc MC74LCX38M Datasheet HTML 2Page - Motorola, Inc MC74LCX38M Datasheet HTML 3Page - Motorola, Inc MC74LCX38M Datasheet HTML 4Page - Motorola, Inc

MC74LCX38M Product details

The MC74LCX38 is a high performance, open drain quad 2–input NAND gate operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers. A VI specification of 5.5V allows MC74LCX38 inputs to be safely driven from 5V devices.
The open drain output with a 5V pull–up resistor can be utilized to drive 5V CMOS inputs. Current drive capability is 24mA at the outputs.

• Designed for 2.7 to 3.6V VCC Operation
• 5V Tolerant Inputs — Interface Capability With 5V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Output Sink Capability
• Near Zero Static Supply Current (10µA) Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74LCX38M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
logo
Motorola, Inc
MC74LCX32D MOTOROLA-MC74LCX32D Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
More results


Similar Description - MC74LCX38M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
   Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com