Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7A6003 Datasheet (PDF) - Holtek Semiconductor Inc

HT7A6003 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7A6003
Download  HT7A6003 Download

File Size   1455.21 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EMI-Improved Green Mode PWM Controller with Integrated Protections

HT7A6003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7A6003 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7A6003
Download  HT7A6003 Click to download

File Size   1455.21 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description EMI-Improved Green Mode PWM Controller with Integrated Protections

HT7A6003 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT7A6003 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7A6003 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT7A6003 Product details

Description
HT7A6003 is an advanced, highly integration OffLine PWM Controller. This device provides many protection functions with ultra low power circuit design, and is optimized for restraining EMI. By integrated a Non-Audible Noise Green Mode Control Scheme and optimizing for the Energy Star 5.0 spec., the Power Supply Unit (PSU) implemented using the HT7A6003 can satisfy the “Energy Star NoLoad Mode” Stand-by Power standard, which is less than 0.3W within all Nameplate Output Power Range of 0~250W. This device also integrated various protection functions such as Short-Circuit Protection (SCP, which can also be used for Over-Load Protection, OLP), Cycle-by-Cycle Current Limiting, Over Voltage Protection (OVP), and Soft-Start function for reducing inrush current during system initialization and preventing device burn-out.
The HT7A6003 also integrates Leading-Edge Blanking and Slope Compensation for minimizing external components cost and system complexity.

Feature
• Frequency jitter for restraining EMI
• Integrated Soft-Start function
• Very low operating current and start-up current (<20mA) for satisfying Energy-Star 5.0 "No-Load Mode" (Stand-by) power standard
• ±5% trimmed oscillator for precise frequency
• Programmable switching frequency
• Non-audible-noise Green Mode Control
• LEB (Leading-Edge Blanking) on CS pin
• Internal slope compensation
• Cycle-by-Cycle current limiting
• Short-Circuit-Protection(SCP) for Short-Circuit and Over-Load condition
• Over-Voltage-Protection(OVP) on VCC Pin
• 8-Pin SOP package

Applications
• Switching AC-DC adaptor
• Open frames switching power supply
• UPS
• LCD TV




Similar Part No. - HT7A6003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
More results


Similar Description - HT7A6003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com