Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX16244 Datasheet (PDF) - Motorola, Inc

MC74LCX16244 Datasheet PDF - Motorola, Inc
Part # MC74LCX16244
Download  MC74LCX16244 Download

File Size   115.46 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT BUFFER

MC74LCX16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX16244 Datasheet PDF - Motorola, Inc

Part # MC74LCX16244
Download  MC74LCX16244 Click to download

File Size   115.46 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 16-BIT BUFFER

MC74LCX16244 Datasheet (HTML) - Motorola, Inc

MC74LCX16244 Datasheet HTML 1Page - Motorola, Inc MC74LCX16244 Datasheet HTML 2Page - Motorola, Inc MC74LCX16244 Datasheet HTML 3Page - Motorola, Inc MC74LCX16244 Datasheet HTML 4Page - Motorola, Inc MC74LCX16244 Datasheet HTML 5Page - Motorola, Inc MC74LCX16244 Datasheet HTML 6Page - Motorola, Inc

MC74LCX16244 Product details

The MC74LCX16244 is a high performance, non–inverting 16–bit buffer operating from a 2.7 to 3.6V supply. The device is nibble controlled. Each nibble has separate Output Enable inputs which can be tied together for full 16–bit operation. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16244 inputs to be safely driven from 5V devices. The MC74LCX16244 is suitable for memory address driving and all TTL level bus oriented transceiver applications.
   
• Designed for 2.7 to 3.6V VCC Operation
• 4.5ns Maximum tpd
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (20µA)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V;
                                 Machine Model >200V
   




Similar Part No. - MC74LCX16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
198Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012?뭃ev. 11
MC74LCX16244DT ONSEMI-MC74LCX16244DT Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16244DTG ONSEMI-MC74LCX16244DTG Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16244DTG ONSEMI-MC74LCX16244DTG Datasheet
134Kb / 7P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 10
More results


Similar Description - MC74LCX16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244_V01 Datasheet
198Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012?뭃ev. 11
MC74LCX16244 ONSEMI-MC74LCX16244_12 Datasheet
134Kb / 7P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 10
MC74LCX16240 ONSEMI-MC74LCX16240_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 8
MC74LCX16240 ONSEMI-MC74LCX16240_V01 Datasheet
200Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX16240 MOTOROLA-MC74LCX16240 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT BUFFER
MC74LCX16245 MOTOROLA-MC74LCX16245 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245_12 Datasheet
129Kb / 7P
   Low-Voltage CMOS 16-Bit Transceiver
October, 2012 ??Rev. 9
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
74LVT162244 ONSEMI-74LVT162244 Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com