Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

536MS8GE Datasheet (PDF) - Hittite Microwave Corporation

536MS8GE Datasheet PDF - Hittite Microwave Corporation
Part # 536MS8GE
Download  536MS8GE Download

File Size   204.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz

536MS8GE Datasheet (PDF)

Go To PDF Page Download Datasheet
536MS8GE Datasheet PDF - Hittite Microwave Corporation

Part # 536MS8GE
Download  536MS8GE Click to download

File Size   204.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz

536MS8GE Datasheet (HTML) - Hittite Microwave Corporation

536MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - 536MS8GE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
536 VISHAY-536 Datasheet
86Kb / 4P
   (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
01-Jan-2022
536-1-103XXXX VISHAY-536-1-103XXXX Datasheet
86Kb / 4P
   (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
01-Jan-2022
logo
Pomona Electronics
5360 POMONA-5360 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
logo
Visual Communications C...
5360 VCC-5360 Datasheet
99Kb / 1P
   T-1 Right Angle 4 Wide LED Assembly
logo
Pomona Electronics
5360-0 POMONA-5360-0 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
More results


Similar Description - 536MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com