Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX00 Datasheet (PDF) - Motorola, Inc

MC74LCX00 Datasheet PDF - Motorola, Inc
Part # MC74LCX00
Download  MC74LCX00 Download
File Size   135.69 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs

MC74LCX00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX00 Datasheet PDF - Motorola, Inc

Part # MC74LCX00
Download  MC74LCX00 Click to download

File Size   135.69 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs

MC74LCX00 Datasheet (HTML) - Motorola, Inc


MC74LCX00 Product details

The MC74LCX00 is a high performance, quad 2–input NAND gate operating from a 2.7 to 3.6V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX00 inputs to be safely driven from 5V devices.
Current drive capability is 24mA at the outputs.
   
• Designed for 2.7 to 3.6V VCC Operation
• 5V Tolerant Inputs — Interface Capability With 5V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10µA) Substantially Reduces System
    Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V
   




Similar Part No. - MC74LCX00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
MC74LCX00D ONSEMI-MC74LCX00D Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
MC74LCX00D ONSEMI-MC74LCX00D Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
MC74LCX00DR2 ONSEMI-MC74LCX00DR2 Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
More results


Similar Description - MC74LCX00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com