Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

687LP4E Datasheet (PDF) - Hittite Microwave Corporation

687LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 687LP4E
Download  687LP4E Download

File Size   731.13 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz

687LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
687LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 687LP4E
Download  687LP4E Click to download

File Size   731.13 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz

687LP4E Datasheet (HTML) - Hittite Microwave Corporation

687LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 10Page - Hittite Microwave Corporation



Similar Part No. - 687LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
399Kb / 6P
   Standard 2000 hrs
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
128Kb / 1P
   SNAP-IN / SNAP MOUNT
687LBA100M2BC ILLINOISCAPACITOR-687LBA100M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results


Similar Description - 687LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com