Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ070XZ01ZZ Datasheet (PDF) - Sharp Corporation

PQ070XZ01ZZ Datasheet PDF - Sharp Corporation
Part # PQ070XZ01ZZ
Download  PQ070XZ01ZZ Download

File Size   1126.05 Kbytes
Page   22 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR VOLTAGE REGULATOR

PQ070XZ01ZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ070XZ01ZZ Datasheet PDF - Sharp Corporation

Part # PQ070XZ01ZZ
Download  PQ070XZ01ZZ Click to download

File Size   1126.05 Kbytes
Page   22 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR VOLTAGE REGULATOR

PQ070XZ01ZZ Datasheet (HTML) - Sharp Corporation

Back Button PQ070XZ01ZZ Datasheet HTML 1Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 2Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 3Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 4Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 5Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 6Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 7Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 8Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 9Page - Sharp Corporation PQ070XZ01ZZ Datasheet HTML 10Page - Sharp Corporation Next Button 

PQ070XZ01ZZ Product details

SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulators



■Features

● Low voltage operation (Minimum operating voltage: 2.35V) 2.5V input →available 1.5 to 1.8V

● Low dissipation current

    Dissipation current at no load: MAX. 2mA

    Output OFF-state dissipation current: MAX. 5µA



Similar Part No. - PQ070XZ01ZZ

ManufacturerPart #DatasheetDescription
Sharp Corporation
Sharp Corporation
PQ070XZ01ZZ SHARP-PQ070XZ01ZZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ01ZZH SHARP-PQ070XZ01ZZH Datasheet
173Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XZ01ZZ

ManufacturerPart #DatasheetDescription
Sharp Corporation
Sharp Corporation
PQ015EZ01ZZ SHARP-PQ015EZ01ZZ Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H4A SHARP-PC3H4A Datasheet
660Kb / 14P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC814X SHARP-PC814X Datasheet
356Kb / 11P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357NT SHARP-PC357NT Datasheet
741Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q64 SHARP-PC3Q64 Datasheet
588Kb / 13P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC817 SHARP-PC817 Datasheet
549Kb / 11P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC123A SHARP-PC123A Datasheet
714Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com