Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH532100B-1 Datasheet (PDF) - Sharp Corporation

LH532100B-1 Datasheet PDF - Sharp Corporation
Part # LH532100B-1
Download  LH532100B-1 Download

File Size   79.17 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8) MROM

LH532100B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH532100B-1 Datasheet PDF - Sharp Corporation

Part # LH532100B-1
Download  LH532100B-1 Click to download

File Size   79.17 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8) MROM

LH532100B-1 Datasheet (HTML) - Sharp Corporation

LH532100B-1 Datasheet HTML 1Page - Sharp Corporation LH532100B-1 Datasheet HTML 2Page - Sharp Corporation LH532100B-1 Datasheet HTML 3Page - Sharp Corporation LH532100B-1 Datasheet HTML 4Page - Sharp Corporation LH532100B-1 Datasheet HTML 5Page - Sharp Corporation LH532100B-1 Datasheet HTML 6Page - Sharp Corporation LH532100B-1 Datasheet HTML 7Page - Sharp Corporation LH532100B-1 Datasheet HTML 8Page - Sharp Corporation

LH532100B-1 Product details

DESCRIPTION
The LH532100B-1 is a CMOS 2M-bit mask-programmable ROM organized as 262,144 × 8 bits. It is fabricated using silicon-gate process technology.

FEATURES
• 262,144 words × 8 bit organization
• Access time: 120 ns (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Power consumption:
    Operating: 275 mW (MAX.)
    Standby: 550 µW (MAX.)
• Mask-programmable control pin:
    Pin 1 = OE1/OE1/DC
    Pin 24 = OE/OE
• Packages:
    32-pin, 600-mil DIP
    32-pin, 525-mil SOP
    32-pin, 450-mil QFJ (PLCC)
    32-pin, 8 × 20 mm2 TSOP (Type I)
    32-pin, 400-mil TSOP (Type II)




Similar Part No. - LH532100B-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
More results


Similar Description - LH532100B-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
   CMOS 2M (256K x 8) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
   CMOS 2M (128K x 16) MROM
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com