Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60 Datasheet (PDF) - Micro Commercial Components

1N60 Datasheet PDF - Micro Commercial Components
Part # 1N60
Download  1N60 Download

File Size   419.26 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Schottky Barrier Rectifier

1N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60 Datasheet PDF - Micro Commercial Components

Part # 1N60
Download  1N60 Click to download

File Size   419.26 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Schottky Barrier Rectifier

1N60 Datasheet (HTML) - Micro Commercial Components


1N60 Product details

Features

• High Reliability

• Low Reverse Current and Low Forward Voltage

· Marking : Cathode band and type number

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

• Moisture Sensitivity Level 1



Maximum Ratings

• Storage &Operating JunctionTemperature: -65℃ to +125℃




Similar Part No. - 1N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
logo
Zibo Seno Electronic En...
1N60 ZSELEC-1N60 Datasheet
434Kb / 6P
   N-CHANNEL MOSFET
logo
List of Unclassifed Man...
1N60 ETC1-1N60 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
Tiger Electronic Co.,Lt...
1N60 TGS-1N60 Datasheet
127Kb / 1P
   600V N-Channel MOSFET
More results


Similar Description - 1N60

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com