Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD10KA5FP Datasheet (PDF) - Rohm

BD10KA5FP Datasheet PDF - Rohm
Part # BD10KA5FP
Download  BD10KA5FP Download

File Size   364.92 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA Secondary LDO Regulators for Local Power Supplies

BD10KA5FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BD10KA5FP Datasheet PDF - Rohm

Part # BD10KA5FP
Download  BD10KA5FP Click to download

File Size   364.92 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA Secondary LDO Regulators for Local Power Supplies

BD10KA5FP Datasheet (HTML) - Rohm

BD10KA5FP Datasheet HTML 1Page - Rohm BD10KA5FP Datasheet HTML 2Page - Rohm BD10KA5FP Datasheet HTML 3Page - Rohm BD10KA5FP Datasheet HTML 4Page - Rohm BD10KA5FP Datasheet HTML 5Page - Rohm BD10KA5FP Datasheet HTML 6Page - Rohm BD10KA5FP Datasheet HTML 7Page - Rohm BD10KA5FP Datasheet HTML 8Page - Rohm BD10KA5FP Datasheet HTML 9Page - Rohm BD10KA5FP Datasheet HTML 10Page - Rohm



Similar Part No. - BD10KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD10KA5FP ROHM-BD10KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD10KA5FP-E2 ROHM-BD10KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD10KA5FP-E2 ROHM-BD10KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results


Similar Description - BD10KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com