Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2094 Datasheet (PDF) - Rohm

2SA2094 Datasheet PDF - Rohm
Part # 2SA2094_11
Download  2SA2094 Download

File Size   934.45 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-60V, -2A)

2SA2094 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2094 Datasheet PDF - Rohm

Part # 2SA2094_11
Download  2SA2094 Click to download

File Size   934.45 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium power transistor (-60V, -2A)

2SA2094 Datasheet (HTML) - Rohm

2SA2094_11 Datasheet HTML 1Page - Rohm 2SA2094_11 Datasheet HTML 2Page - Rohm 2SA2094_11 Datasheet HTML 3Page - Rohm 2SA2094_11 Datasheet HTML 4Page - Rohm



Similar Part No. - 2SA2094_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2094TLQ ROHM-2SA2094TLQ Datasheet
471Kb / 7P
   PNP -2A -60V Middle Power Transistor
More results


Similar Description - 2SA2094_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
   Medium power transistor (60V, 2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
   Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
   Medium Power Transistor (60V, 2A)
2SC5866TLR ROHM-2SC5866TLR Datasheet
306Kb / 4P
   Medium power transistor (60V, 2A)
2SC5866 ROHM-2SC5866_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 2A)
2SB1561 ROHM-2SB1561 Datasheet
113Kb / 4P
   Medium Power Transistor (-60V, -2A)
2SC5866 ROHM-2SC5866_1 Datasheet
86Kb / 4P
   Medium power transistor (60V, 2A)
2SD2391 ROHM-2SD2391_09 Datasheet
164Kb / 3P
   Medium Power Transistor (60V, 2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com