Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1347T+ Datasheet (PDF) - Maxim Integrated Products

DS1347T+ Datasheet PDF - Maxim Integrated Products
Part # DS1347T+
Download  DS1347T+ Download
File Size   230.58 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current, SPI-Compatible Real-Time Clocks

DS1347T+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1347T+ Datasheet PDF - Maxim Integrated Products

Part # DS1347T+
Download  DS1347T+ Click to download

File Size   230.58 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current, SPI-Compatible Real-Time Clocks

DS1347T+ Datasheet (HTML) - Maxim Integrated Products


DS1347T+ Product details

General Description

The DS1346/DS1347 SPI™-compatible real-time clocks (RTCs) contain a real-time clock/calendar and 31 x 8 bits of static random-access memory (SRAM). The real time clock/calendar provides seconds, minutes, hours, day, date, month, year, and century information. A time/date programmable polled ALARM is included in the devices. The end-of-the-month date is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24hr or 12hr format with an AM/PM indicator. The devices operate with a supply voltage of +2V to +5.5V, are available in the ultra-small 8-pin TDFN package, and work over the -40°C to +85°C industrial tempera ture range.



Features

♦ RTC Counts Seconds, Minutes, Hours, Day of Week, Date of Month, Month, Year, and Century

♦ Leap-Year Compensation

♦ +2V to +5.5V Wide Operating Voltage Range

♦ SPI (Mode 1 or 3) Interface: 4MHz at 5V, 1MHz at 2V

♦ 31 x 8-Bit SRAM for Scratchpad Data Storage

♦ Uses Standard 32.768kHz Watch Crystal

♦ Low Timekeeping Current (400nA at 2V)

♦ Single-Byte or Multiple-Byte (Burst Mode) Data Transfer for Read or Write of Clock Registers or SRAM

♦ Ultra-Small, 3mm x 3mm x 0.8mm, 8-Pin TDFN Package

♦ Programmable Time/Date Polled ALARM Function

♦ No External Crystal Bias Resistors or Capacitors Required




Similar Part No. - DS1347T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1347T+ MAXIM-DS1347T+ Datasheet
227Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
DS1347T+ MAXIM-DS1347T+ Datasheet
247Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 3; 1/13
More results


Similar Description - DS1347T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1347 MAXIM-DS1347_13 Datasheet
247Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 3; 1/13
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
Clock drivers for Real Time Clocks
12.27.11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com