Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1587 Datasheet (PDF) - Semtech Corporation

EZ1587 Datasheet PDF - Semtech Corporation
Part # EZ1587
Download  EZ1587 Download

File Size   86.77 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS

EZ1587 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1587 Datasheet PDF - Semtech Corporation

Part # EZ1587
Download  EZ1587 Click to download

File Size   86.77 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS

EZ1587 Datasheet (HTML) - Semtech Corporation

EZ1587 Datasheet HTML 1Page - Semtech Corporation EZ1587 Datasheet HTML 2Page - Semtech Corporation EZ1587 Datasheet HTML 3Page - Semtech Corporation EZ1587 Datasheet HTML 4Page - Semtech Corporation EZ1587 Datasheet HTML 5Page - Semtech Corporation

EZ1587 Product details

DESCRIPTION
The EZ1587 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current. Additionally, the EZ1587 series provides excellent regulation over variations in line, load and temperature.

FEATURES
• Low dropout performance, 1.3V max. for EZ1587
• Full current rating over line and temperature
• Fast transient response
• ±2% total output regulation over line, load and temperature
• Adjust pin current max. 90µA over temperature
• Fixed/adjustable output voltage
• Line regulation typically 0.005%
• Load regulation typically 0.05%
• TO-220 or TO-263 packages

APPLICATIONS
• Pentium® Processor supplies
• PowerPC™ supplies
• Other 1.3V to 5.7V microprocessor supplies
• Low voltage logic supplies
• Battery-powered circuitry
• Post regulator for switching supply



Similar Part No. - EZ1587

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
   3 Amp Positive Voltage Regulator
EZ1587CM-1.3.TR SEMTECH-EZ1587CM-1.3.TR Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
EZ1587CM-1.3.TRT SEMTECH-EZ1587CM-1.3.TRT Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
EZ1587CM-5.7.TR SEMTECH-EZ1587CM-5.7.TR Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
EZ1587CM-5.7.TRT SEMTECH-EZ1587CM-5.7.TRT Datasheet
156Kb / 6P
   3 Amp Positive Voltage Regulator
More results


Similar Description - EZ1587

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584 SEMTECH-EZ1584 Datasheet
63Kb / 4P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C_10 Datasheet
168Kb / 5P
   7.0 Amp Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com